Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM351-RTR Fiches technique(PDF) 117 Page - List of Unclassifed Manufacturers

No de pièce EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Fiches technique(HTML) 117 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 113Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 114Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 115Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 116Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 117Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 118Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 119Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 120Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 121Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 240 page
background image
EM351 / EM357
SCx_RXCNTB
SC1_RXCNTB
Receive DMA Count Register B
Address: 0x4000C824 Reset: 0x0
SC2_RXCNTB
Receive DMA Count Register B
Address: 0x4000C024 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
SC_RXCNTB
7
6
5
4
3
2
1
0
SC_RXCNTB
Bitname
Bitfield
Access
Description
SC_RXCNTB
[13:0]
RW
The offset from the start of DMA receive buffer B at which the next byte will be written.
This register is set to zero when the buffer is loaded and when the DMA is reset. If this
register is written when the buffer is not loaded, the buffer is loaded.
8-46
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More