Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F23K20-E/P Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce PIC18F23K20-E/P
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/P Fiches technique(HTML) 8 Page - Microchip Technology

Back Button PIC18F23K20-E/P Datasheet HTML 4Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 5Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 6Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 7Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 8Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 9Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 10Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 11Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 456 page
background image
PIC18F2XK20/4XK20
DS41303G-page 8
 2010 Microchip Technology Inc.
TABLE 2:
PIC18F2XK20 PIN SUMMARY
2
27
RA0
AN0
C12IN0-
3
28
RA1
AN1
C12IN1-
4
1
RA2
AN2
C2IN+
VREF-/
CVREF
5
2
RA3
AN3
C1IN+
VREF+
6
3
RA4
C1OUT
T0CKI
7
4
RA5
AN4
C2OUT
HLVDIN
SS
10
7
RA6
OSC2/
CLKOUT
9
6
RA7
OSC1/
CLKIN
21
18
RB0
AN12
FLT0
INT0
Yes
22
19
RB1
AN10
C12IN3-
P1C
INT1
Yes
23
20
RB2
AN8
P1B
INT2
Yes
24
21
RB3
AN9
C12IN2-
CCP2(1)
Yes
25
22
RB4
AN11
P1D
KBI0
Yes
26
23
RB5
KBI1
Yes
PGM
27
24
RB6
KBI2
Yes
PGC
28
25
RB7
KBI3
Yes
PGD
11
8
RC0
T1OSO/
T13CKI
12
9
RC1
CCP2(2)
T1OSI
13
10
RC2
CCP1/
P1A
14
11
RC3
SCK/
SCL
15
12
RC4
SDI/
SDA
16
13
RC5
SDO
17
14
RC6
TX/CK
18
15
RC7
RX/DT
126
RE3(3)
MCLR/
VPP
8
5
VSS
19
16
VSS
20
17
VDD
Note 1:
CCP2 multiplexed with RB3 when CONFIG3H<0> = 0
2:
CCP2 multiplexed with RC1 when CONFIG3H<0> = 1
3:
Input-only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More