Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F23K20-E/P Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce PIC18F23K20-E/P
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/P Fiches technique(HTML) 5 Page - Microchip Technology

  PIC18F23K20-E/P Datasheet HTML 1Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 2Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 3Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 4Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 5Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 6Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 7Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 8Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 456 page
background image
 2010 Microchip Technology Inc.
DS41303G-page 5
PIC18F2XK20/4XK20
Pin Diagrams
RB7/KBI3/PGD
RB6/KBI2/PGC
RB5/KBI1/PGM
RB4/KBI0/AN11
RB3/AN9/C12IN2-/CCP2(1)
RB2/INT2/AN8
RB1/INT1/AN10/C12IN3-
RB0/INT0/FLT0/AN12
VDD
VSS
RD7/PSP7/P1D
RD6/PSP6/P1C
RD5/PSP5/P1B
RD4/PSP4
RC7/RX/DT
RC6/TX/CK
RC5/SDO
RC4/SDI/SDA
RD3/PSP3
RD2/PSP2
MCLR/VPP/RE3
RA0/AN0/C12IN0-
RA1/AN1/C12IN1-
RA2/AN2/VREF-/CVREF/C2IN+
RA3/AN3/VREF+/C1IN+
RA4/T0CKI/C1OUT
RA5/AN4/SS/HLVDIN/C2OUT
RE0/RD/AN5
RE1/WR/AN6
RE2/CS/AN7
VDD
VSS
OSC1/CLKIN/RA7
OSC2/CLKOUT/RA6
RC0/T1OSO/T13CKI
RC1/T1OSI/CCP2(1)
RC2/CCP1/P1A
RC3/SCK/SCL
RD0/PSP0
RD1/PSP1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
10
11
2
3
4
5
6
1
8
7
9
12
13
14
15
16
17
18
19
20
23
24
25
26
27
28
22
21
MCLR/VPP/RE3
RA0/AN0/C12IN0-
RA1/AN1/C12IN1-
RA2/AN2/VREF-/CVREF/C2IN+
RA3/AN3/VREF+/C1IN+
RA4/T0CKI/C1OUT
RA5/AN4/SS/HLVDIN/C2OUT
VSS
OSC1/CLKIN/RA7
OSC2/CLKOUT/RA6
RC0/T1OSO/T13CKI
RC1/T1OSI/CCP2(1)
RC2/CCP1/P1A
RC3/SCK/SCL
RB7/KBI3/PGD
RB6//KBI2/PGC
RB5/KBI1/PGM
RB4/KBI0/AN11/P1D
RB3/AN9/C12IN2-/CCP2(1)
RB2/INT2/AN8/P1B
RB1/INT1/AN10/C12IN3-/P1C
RB0/INT0/FLT0/AN12
VDD
VSS
RC7/RX/DT
RC6/TX/CK
RC5/SDO
RC4/SDI/SDA
40-pin PDIP
28-pin PDIP, SOIC, SSOP
Note
1:
RB3 is the alternate pin for CCP2 multiplexing.
2:
UQFN package availability applies only to PIC18F23K20.
10 11
2
3
6
1
18
19
20
21
22
12 13 14
15
8
7
16
17
23
24
25
26
27
28
9
5
4
RB3/AN9/C12IN2-/CCP2(1)
RB2/INT2/AN8/P1B
RB1/INT1/AN10/C12IN3-/P1C
RB0/INT0/FLT0/AN12
VDD
VSS
RC7/RX/DT
RA2/AN2/VREF-/CVREF/C2IN+
RA3/AN3/VREF+/C1IN+
RA4/T0CKI/C1OUT
RA5/AN4/SS/HLVDIN/C2OUT
VSS
OSC1/CLKIN/RA7
OSC2/CLKOUT/RA6
28-pin QFN/UQFN(2)
PIC18F23K20
PIC18F24K20
PIC18F25K20
PIC18F26K20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More