Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F707-E/ML Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce PIC16F707-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707-E/ML Fiches technique(HTML) 6 Page - Microchip Technology

Back Button PIC16F707-E/ML Datasheet HTML 2Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 3Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 4Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 5Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 6Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 7Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 8Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 9Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 284 page
background image
PIC16F707/PIC16LF707
DS41418A-page 6
Preliminary
 2010 Microchip Technology Inc.
Pin Diagrams
10
11
2
3
6
1
8
7
29
30
31
32
33
23
24
25
26
27
28
9
NC
RC0/T1OSO/T1CKI/CPSB2
RA6/OSC2/CLKOUT/CPSB1/VCAP(3)
RA7/OSC1/CLKIN/CPSB0
VSS
VDD
RE2/AN7/CPSA7
RE1/AN6/CPSA6
RE0/AN5/CPSA5
RA5/AN4/CPSA4/SS(2)/VCAP(3)
RA4/CPSA3/T0CKI/TACKI
DT/RX/CPSA11/RC7
CPSA12/RD4
CPSA13/RD5
CPSA14/RD6
VSS
VDD
INT/CPSB8/AN12/RB0
CPSB9/AN10/RB1
CPSB10/AN8/RB2
CCP2(1)/CPSB11/AN9/RB3
CPSA15/RD7
5
4
PIC16F707
PIC16LF707
44-PIN TQFP
Note 1:
CCP2 pin location may be selected as RB3 or RC1.
2:
SS pin location may be selected as RA5 or RA0.
3:
PIC16F707 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More