| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F707-E/ML Fiches technique(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707-E/ML Fiches technique(HTML) 29 Page - Microchip Technology |
|
29 / 284 page ![]() 2010 Microchip Technology Inc. Preliminary DS41418A-page 29 PIC16F707/PIC16LF707 3.0 RESETS The PIC16F707/PIC16LF707 differentiates between various kinds of Reset: a) Power-on Reset (POR) b) WDT Reset during normal operation c) WDT Reset during Sleep d) MCLR Reset during normal operation e) MCLR Reset during Sleep f) Brown-out Reset (BOR) Some registers are not affected in any Reset condition; their status is unknown on POR and unchanged in any other Reset. Most other registers are reset to a “Reset state” on: • Power-on Reset (POR) •MCLR Reset •MCLR Reset during Sleep •WDT Reset • Brown-out Reset (BOR) Most registers are not affected by a WDT wake-up since this is viewed as the resumption of normal operation. TO and PD bits are set or cleared differently in different Reset situations, as indicated in Table 3-3. These bits are used in software to determine the nature of the Reset. A simplified block diagram of the On-Chip Reset Circuit is shown in Figure 3-1. The MCLR Reset path has a noise filter to detect and ignore small pulses. See Section 25.0 “Electrical Specifications” for pulse width specifications. FIGURE 3-1: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT MCLR/VPP VDD OSC1/ WDT Module POR OST/PWRT WDTOSC WDT Time-out Power-on Reset OST 10-bit Ripple Counter PWRT Chip_Reset 11-bit Ripple Counter Reset Enable OST Enable PWRT Sleep Brown-out(1) Reset BOREN CLKIN Note 1: Refer to the Configuration Word Register 1 (Register 8-1). MCLRE |