Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8308VMADDA Fiches technique(PDF) 73 Page - Freescale Semiconductor, Inc

No de pièce MPC8308VMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMADDA Fiches technique(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMADDA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
Freescale Semiconductor
73
Package and Pin Listings
VSS
A2, A21, B1, B19, B23,
C4, C16, D6, D19, E3,
F8, F15, F17, F23, G7,
G8, G10, G15, G16,
G17, G20, H2, H6, H7,
H17, H23, J7, J9, J10,
J11, J12, J13, J14,
J15, K9, K10, K11,
K12, K13, K14, K15,
L1, L7, L9, L10, L11,
L12, L13, L14, L15,
L20, M4, M9, M10,
M11, M12, M13, M14,
M15, N9, N10, N11,
N12, N13, N14, N15,
P6, P7, P9, P10, P11,
P12, P13, P14, P15,
R2, R7, R9, R10, R11,
R12, R13, R14, R15,
R22, T6, T7, U8, U17,
U21, V2, V7, V9, V11,
W20, Y8, Y15, AA4,
AB1, AB6, AB12,
AB19, AC2, AC9, AC23
I
—
—
NVDDA
B7, B10, C7, D9, F9
I
—
—
NVDDB
A16, A19, C18
I
—
—
NVDDC
A23, B22, D23, E20,
G18
I
—
—
NVDDF
G22, J22, K17
I
—
—
NVDDG
M17, N22
I
—
—
NVDDH
P17, R20, T17, T23,
W22, Y22
I
—
—
NVDDJ
AB23, AA22
I
—
—
NVDDP_K
U10, U14, Y5, Y18,
AA11, AB8, AB16,
AB22, AC4,
AC13
I
—
—
GVDD
A1, A6, B3, D1, F1, F6,
G4, J1, J4, K7, N1, N7,
T1, T4, U7, Y3, AC1
I
—
—
XPADVDD
D15, F10, F14
I
—
—
XPADVSS
A10, B15, D14, G13,
G14, H12
I
—
—
Table 53. MPC8308 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88