Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8308VMADDA Fiches technique(PDF) 72 Page - Freescale Semiconductor, Inc

No de pièce MPC8308VMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMADDA Fiches technique(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMADDA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
72
Freescale Semiconductor
Package and Pin Listings
TSEC_TMR_PP1
L18
O
NVDDG
—
TSEC_TMR_PP2
L21
O
NVDDG
—
TSEC_TMR_PP3/ GPIO[13]
L22
O
NVDDG
—
TSEC_TMR_ALARM1
L23
O
NVDDG
—
TSEC_TMR_ALARM2/ GPIO[14]
M23
O
NVDDG
—
GPIO[7]
M22
O
—
—
TSEC2_CRS
M21
O
NVDDG
—
TSEC1_TMR_RX_ESFD/ GPIO[1]
M18
O
NVDDG
—
TSEC1_TMR_TX_ESFD/GPIO[2]
M20
O
NVDDG
—
TSEC0_TMR_RX_ESFD/GPIO[3]
N23
O
NVDDG
—
TSEC0_TMR_TX_ESFD/ GPIO[4]
N21
O
NVDDG
—
GTM1_TGATE3
N20
I
NVDDG
—
GTM1_TIN4
N18
I
NVDDG
—
GTM1_TGATE4/ GPIO[15]
P23
I
NVDDG
—
GTM1_TIN3
P22
I
NVDDG
—
GPIO[5]
N17
I
NVDDH
—
GPIO[6]
P21
I
NVDDH
—
Power and Ground Supplies
AVDD1
R6
I
—
—
AVDD2
V10
I—
—
NC, No Connection
Y23, B11, B16, D16
——
—
VDD
H8, H9, H10, H14,
H15, H16, J8, J16, K8,
K16, L8, L16, M8, M16,
N8, N16, P8, P16, R8,
R16, T8, T9, T10, T11,
T12, T13, T14, T15,
T16
I—
—
Table 53. MPC8308 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88