Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT45R35 Fiches technique(PDF) 24 Page - Holtek Semiconductor Inc

No de pièce HT45R35
Description  C/R to F Type 8-Bit OTP MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35 Fiches technique(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT45R35 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
C to F Application Circuit 2
Note:
1. The
²*R² resistance and ²*C² capacitance should be consideration for the frequency of RC OSC.
2. Rsensor1~Rsensor12 are the resistance sensors.
3. Csensor1~Csensor12 are the capacitance sensors.
HT45R35
Rev. 1.30
24
May 14, 2010
H T 4 5 R 3 5
P B 0 ~ P B 7
R C O U T
I N
C R E F
R R E F
* R
C s e n s o r 1
R C 1
R C 2
R C 1 2
C s e n s o r 1 2
* C
C s e n s o r 2
R E S
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
O S C 1
O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59