Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT45R35 Fiches technique(PDF) 47 Page - Holtek Semiconductor Inc

No de pièce HT45R35
Description  C/R to F Type 8-Bit OTP MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35 Fiches technique(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT45R35 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
· MO-095a (see fig2)
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
1.145
¾
1.185
B
0.275
¾
0.295
C
0.120
¾
0.150
D
0.110
¾
0.150
E
0.014
¾
0.022
F
0.045
¾
0.060
G
¾
0.100
¾
H
0.300
¾
0.325
I
¾
0.430
¾
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
29.08
¾
30.10
B
6.99
¾
7.49
C
3.05
¾
3.81
D
2.79
¾
3.81
E
0.36
¾
0.56
F
1.14
¾
1.52
G
¾
2.54
¾
H
7.62
¾
8.26
I
¾
10.92
¾
HT45R35
Rev. 1.30
47
May 14, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59