Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC16IS752IPW Fiches technique(PDF) 56 Page - NXP Semiconductors

No de pièce SC16IS752IPW
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752IPW Fiches technique(HTML) 56 Page - NXP Semiconductors

Back Button SC16IS752IPW Datasheet HTML 51Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 52Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 53Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 54Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 55Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 56Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 57Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 58Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 59Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
56 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
For further information on temperature profiles, refer to Application Note
AN10365
“Surface mount reflow soldering description”.
18. Abbreviations
MSL: Moisture Sensitivity Level
Fig 39. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature
Table 42.
Abbreviations
Acronym
Description
CPU
Central Processing Unit
DLL
Divisor Latch LSB
DLH
Divisor Latch MSB
FIFO
First In, First Out
GPIO
General Purpose Input/Output
I2C-bus
Inter IC bus
IrDA
Infrared Data Association
LCD
Liquid Crystal Display
MIR
Medium InfraRed
POR
Power-On Reset
SIR
Serial InfraRed
SPI
Serial Peripheral Interface
SPR
ScratchPad Register
UART
Universal Asynchronous Receiver/Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59