| Moteur de recherche de fiches techniques de composants électroniques |
|
SC16IS752IPW Fiches technique(PDF) 38 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16IS752IPW Fiches technique(HTML) 38 Page - NXP Semiconductors |
|
38 / 59 page ![]() SC16IS752_SC16IS762_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 07 — 19 May 2008 38 of 59 NXP Semiconductors SC16IS752/SC16IS762 Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR In a single master system, the ‘Repeated START’ mechanism may be more efficient than terminating each transfer with a STOP and starting again. In a multimaster environment, the determination of which format is more efficient could be more complicated, as when a master is using repeated STARTs occupies the bus for a long time, and thus preventing other devices from initiating transfers. Fig 17. I2C-bus data formats 002aab458 DATA SLAVE ADDRESS master write: S W A DATA A A P data transferred (n bytes + acknowledge) START condition STOP condition acknowledge acknowledge acknowledge write DATA SLAVE ADDRESS master read: S R A DATA A NA P data transferred (n bytes + acknowledge) START condition STOP condition acknowledge acknowledge not acknowledge read DATA SLAVE ADDRESS combined formats: S R/W A DATA A A P data transferred (n bytes + acknowledge) START condition STOP condition acknowledge acknowledge acknowledge read or write SLAVE ADDRESS Sr R/W A repeated START condition acknowledge read or write direction of transfer may change at this point data transferred (n bytes + acknowledge) |