| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV612IST Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV612IST Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 19 page ![]() Electrical characteristics TSV611, TSV611A, TSV612, TSV612A 4/19 Doc ID 15768 Rev 2 en Equivalent input noise voltage f = 1 kHz 110 THD+N Total harmonic distortion + noise Fin = 1 kHz, Av = 1, Vout = 1 Vpp, RL = 100 kΩ, BW = 22 kHz 0.07 % 1. Guaranteed by design. Table 3. Electrical characteristics at VCC+ = +1.8 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C, and RL connected to VCC/2 (unless otherwise specified) (continued) Symbol Parameter Conditions Min. Typ. Max. Unit nV Hz ------------ |