| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV612IST Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV612IST Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 19 page ![]() January 2010 Doc ID 15768 Rev 2 1/19 19 TSV611, TSV611A, TSV612, TSV612A Rail-to-rail input/output 10 µA, 120 kHz CMOS operational amplifiers Features ■ Rail-to-rail input and output ■ Low power consumption: 10 µA typ at 5 V ■ Low supply voltage: 1.5 to 5.5 V ■ Gain bandwidth product: 120 kHz typ ■ Unity gain stable ■ Low input offset voltage: 800 µV max (A version) ■ Low input bias current: 1 pA typ ■ Temperature range: -40 to +85° C Applications ■ Battery-powered applications ■ Smoke detectors ■ Proximity sensors ■ Portable devices ■ Signal conditioning ■ Active filtering ■ Medical instrumentation Description The TSV61x family of single and dual operational amplifiers offers low voltage, low power operation and rail-to-rail input and output. The devices also feature an ultra-low input bias current as well as a low input offset voltage. The TSV61x have a gain bandwidth product of 120 kHz while consuming only 10 µA at 5 V. These features make the TSV61x family ideal for sensor interfaces, battery supplied and portable applications, as well as active filtering. SOT23-5/SC70-5 MiniSO-8/SO-8 TSV612IST - TSV612ID/DT TSV611ILT - TSV611ICT In2+ V CC- 1 2 3 5 4 8 7 6 In1+ In1- Out2 + _ Out1 In2- + _ V CC+ In2+ V CC- 1 2 3 5 4 8 7 6 In1+ In1- Out2 + _ Out1 In2- + _ V CC+ V CC- In+ In- Out 1 2 3 5 4 + _ V CC+ V CC- In+ In- Out 1 2 3 5 4 + _ V CC+ www.st.com |
Numéro de pièce similaire - TSV612IST |
|
Description similaire - TSV612IST |