Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP16DPS05MTR Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce STP16DPS05MTR
Description  Low voltage 16-bit constant current LED Sink driver with outputs error detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPS05MTR Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button STP16DPS05MTR Datasheet HTML 25Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 26Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 27Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 28Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 29Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 30Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 31Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 32Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
STP16DPS05
Package mechanical data
Doc ID 16538 Rev 2
29/34
Table 20.
TSSOP24 tape and reel
Dim.
mm.
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
330
-
12.992
C
12.8
-
13.2
0.504
-
0.519
D
20.2
-
0.795
-
N
60
-
2.362
-
T
-
22.4
-
0.882
Ao
6.8
-
7
0.268
-
0.276
Bo
8.2
-
8.4
0.323
-
0.331
Ko
1.7
-
1.9
0.067
-
0.075
Po
3.9
-
4.1
0.153
-
0.161
P
11.9
-
12.1
0.468
-
0.476
Figure 26. Reel dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34