Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP16DPS05MTR Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce STP16DPS05MTR
Description  Low voltage 16-bit constant current LED Sink driver with outputs error detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPS05MTR Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button STP16DPS05MTR Datasheet HTML 23Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 24Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 25Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 26Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 27Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 28Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 29Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 30Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
STP16DPS05
Package mechanical data
Doc ID 16538 Rev 2
27/34
Table 18.
QSOP-24 tape and reel dimensions
Table 17.
QSOP-24 tape and reel
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
R1
12.8
13
13.5
5.039
5.118
5.315
R2
330
129.921
R3
100
39.37
eint
16.4
6.457
e1
1.5
2
2.5
0.591
0.787
0.984
0.3+/-0.05
2.1 +/-0.1
2.0+/-0.1
4.0+/-0.1
1.75+/-0.1
16 +/-0.3
1.6 +1/-0.1
8 +/-0.1
6.5 +/- 0.1
1.5+1/0
0.3+/-0.05
2.1 +/-0.1
2.0+/-0.1
4.0+/-0.1
1.75+/-0.1
16 +/-0.3
1.6 +1/-0.1
8 +/-0.1
6.5 +/- 0.1
1.5+1/0
7217811_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34