Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F44J50 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce PIC18F44J50
Description  PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J50 Fiches technique(HTML) 2 Page - Microchip Technology

  PIC18F44J50 Datasheet HTML 1Page - Microchip Technology PIC18F44J50 Datasheet HTML 2Page - Microchip Technology PIC18F44J50 Datasheet HTML 3Page - Microchip Technology PIC18F44J50 Datasheet HTML 4Page - Microchip Technology PIC18F44J50 Datasheet HTML 5Page - Microchip Technology PIC18F44J50 Datasheet HTML 6Page - Microchip Technology PIC18F44J50 Datasheet HTML 7Page - Microchip Technology PIC18F44J50 Datasheet HTML 8Page - Microchip Technology PIC18F44J50 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PIC18F46J50 FAMILY
DS80436C-page 2
 2010 Microchip Technology Inc.
TABLE 2:
SILICON ISSUE SUMMARY
Module
Feature
Item
Number
Issue Summary
Affected
Revisions(1)
A2
A4
MSSP
I2C™
Modes
1.
Must keep LATB<5:4> bits clear.
X
MSSP
I2C Slave
2.
Module may not receive the correct data if there
is a delay in reading SSPxBUF after SSPxIF
interrupt.
XX
EUSART
Enable/Dis-
able
3.
If interrupts are enabled, a 2 TCY delay needed
after re-enabling the module.
XX
A/D
FOSC/2
Clock
4.
FOSC/2 A/D Conversion mode may not meet
linearity error limits.
XX
PMP
PSP
5.
Incorrect data capture in Slave modes.
X
Low-Power
modes
Deep Sleep
6.
Wake-up events that occur during Deep Sleep
entry may not generate an event.
XX
DC
Characteristics
Supply Volt-
age
7.
Minimum operating voltage (VDD) parameter for
“F” devices is 2.25V.
X
A/D
Band Gap
Reference
8.
At high VDD voltages, performing an A/D
conversion on Channel 15 could have issues.
XX
CTMU
Constant
Current
9.
Low voltages turn off constant current source.
X
Note 1:
Only those issues indicated in the last column apply to the current silicon revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12