Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8564ACX9/B/1 Fiches technique(PDF) 34 Page - NXP Semiconductors

No de pièce PCF8564ACX9/B/1
Description  Real time clock and calendar
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9/B/1 Fiches technique(HTML) 34 Page - NXP Semiconductors

Back Button PCF8564ACX9/B/1 Datasheet HTML 30Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 31Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 32Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 33Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 34Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 35Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 36Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 37Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
PCF8564A_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 8 October 2009
34 of 44
NXP Semiconductors
PCF8564A
Real time clock and calendar
17. Handling information
All input and output pins are protected against ElectroStatic Discharge (ESD) under
normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that
all normal precautions are taken as described in
JESD625-A, IEC 61340-5 or equivalent
standards.
Fig 29. Alignment marks of all PCF8564A types
Table 33.
Alignment marks of all PCF8564A types
All x/y coordinates represent the position of the REF point (see Figure 29) with respect to the center
(x/y = 0) of the chip; see Figure 27 and Figure 28.
Alignment markers
Size (
µm)
X (
µm)
Y (
µm)
C1
100
× 100
465.2
−826.3
C2
100
× 100
−523.0
890.0
F90
× 117
−569.9
−885.5
REF
REF
C2
C1
F
013aaa036
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44