| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8564ACX9/B/1 Fiches technique(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8564ACX9/B/1 Fiches technique(HTML) 32 Page - NXP Semiconductors |
|
32 / 44 page ![]() PCF8564A_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 — 8 October 2009 32 of 44 NXP Semiconductors PCF8564A Real time clock and calendar Table 31. Bonding pad description for all PCF8564AU types All x/y coordinates represent the position of the center of each pad with respect to the center (x/y = 0) of the chip; see Figure 27. Symbol Pad X ( µm) Y ( µm) Description OSCI 1 −523.0 689.4 oscillator input OSCO 2 −523.0 469.4 oscillator output INT 3 −523.0 −429.8 open-drain interrupt output (active LOW) VSS 4 −523.0 −684.4 ground (substrate) SDA 5 524.9 −523.8 serial data I/O SCL 6 524.9 −138.6 serial clock input CLKOUT 7 524.9 162.5 CMOS push-pull clock output VDD 8 524.9 443.3 supply CLKOE 9 524.9 716.3 CLKOUT output enable |