| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2113WU/2/F4 Fiches technique(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113WU/2/F4 Fiches technique(HTML) 46 Page - NXP Semiconductors |
|
46 / 65 page ![]() PCF2113_FAM_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 4 March 2008 46 of 65 NXP Semiconductors PCF2113x LCD controllers/drivers [1] Not available at any pin. [2] Tested on a sample basis. [3] All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an input voltage swing of VSS to VDD. [4] Cb = total capacitance of one bus line in pF. tSU;STO set-up time for STOP condition 0.6 - - µs tSP pulse width of spikes that must be suppressed by the input filter on bus - - 50 ns tBUF bus free time between a STOP and START condition 1.3 - - µs Table 20. Dynamic characteristics …continued VDD1 = 1.8 V to 5.5 V; VDD2 =VDD3 = 2.2 V to 4.0 V; VSS =0V; VLCD = 2.2 V to 6.5 V; Tamb = −40 °Cto+85 °C; unless otherwise specified Symbol Parameter Conditions Min Typ Max Unit Fig 32. Parallel bus write operation sequence; writing data from microcontroller to PCF2113x Fig 33. Parallel bus read operation sequence; writing data from PCF2113x to microcontroller RS E DB0 to DB7 VIH VIL VIL VIL VIH VIL VIH VIL VIH VIL VIH VIL VIH VIL VIL tcy(en) tsu(A) tw(en) th(A) th(A) th(D) tsu(D) valid data mbk474 R/W RS E DB0 to DB7 VIH VIH VIH VIL VIH VIL VOH VOL VOH VOL VIH VIL VIH VIL VIL tcy(en) tsu(A) tw(en) th(A) th(A) th(D) td(DV) mbk475 R/W |