Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2113WU/2/F4 Fiches technique(PDF) 19 Page - NXP Semiconductors

No de pièce PCF2113WU/2/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113WU/2/F4 Fiches technique(HTML) 19 Page - NXP Semiconductors

Back Button PCF2113WU/2/F4 Datasheet HTML 15Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 16Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 17Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 18Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 19Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 20Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 21Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 22Page - NXP Semiconductors PCF2113WU/2/F4 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
19 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
8.13 Timing generator
The timing generator produces the various signals required to drive the internal circuitry.
Internal chip operation is not disturbed by operations on the data buses.
8.14 LCD row and column drivers
The PCF2113x contains 18 row and 60 column drivers, which connect the appropriate
LCD bias voltages in sequence to the display in accordance with the data to be displayed.
R17 and R18 drive the icon rows.
The bias voltages and the timing are selected automatically when the number of lines in
the display is selected. Figure 14, Figure 15, Figure 16 and Figure 17 show typical
waveforms. Unused outputs should be left unconnected.
Fig 12. Cursor and blink display examples
Bit Q = 1
Fig 13. Example of a display with icons
mga801
cursor
5 x 7 dot character font
alternating display
Cursor display example
Blink display example
001aah687
cursor
row 1
row 2
row 8
row 17
icon 1
icon 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65