Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2113AU/10/F4 Fiches technique(PDF) 61 Page - NXP Semiconductors

No de pièce PCF2113AU/10/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113AU/10/F4 Fiches technique(HTML) 61 Page - NXP Semiconductors

Back Button PCF2113AU/10/F4 Datasheet HTML 57Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 58Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 59Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 60Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 61Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 62Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 63Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 64Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 65Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
61 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
Moisture sensitivity precautions, as indicated on the packing, must be respected at all
times.
Studies have shown that small packages reach higher temperatures during reflow
soldering, see Figure 42.
For further information on temperature profiles, refer to Application Note
AN10365
“Surface mount reflow soldering description”.
Table 30.
Lead-free process (from J-STD-020C)
Package thickness (mm)
Package reflow temperature (
°C)
Volume (mm3)
< 350
350 to 2000
> 2000
< 1.6
260
260
260
1.6 to 2.5
260
250
245
> 2.5
250
245
245
MSL: Moisture Sensitivity Level
Fig 42. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65