Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2113AU/10/F4 Fiches technique(PDF) 16 Page - NXP Semiconductors

No de pièce PCF2113AU/10/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113AU/10/F4 Fiches technique(HTML) 16 Page - NXP Semiconductors

Back Button PCF2113AU/10/F4 Datasheet HTML 12Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 13Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 14Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 15Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 16Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 17Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 18Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 19Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
16 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
The first column (0000) is the CGRAM, the other 15 columns (0001 to 1111) are the CGROM.
Fig 9.
Character set ‘E’ in CGROM
mgd689
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
upper
4 bits
lower
4 bits
xxxx
0000
xxxx
0001
xxxx
0010
xxxx
0011
xxxx
0100
xxxx
0101
xxxx
0110
xxxx
0111
xxxx
1000
xxxx
1001
xxxx
1010
xxxx
1011
xxxx
1100
xxxx
1101
xxxx
1110
xxxx
1111
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65