| Moteur de recherche de fiches techniques de composants électroniques |
|
HC908JB16AD Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HC908JB16AD Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 12 page ![]() HC908JB16AD/D Addendum to MC68HC908JB16 Technical Data Electrical Specifications Electrical specifications for the MC68HC908JB16 apply to the MC68HC08JB16, except for the following: FLASH Memory Characteristics The FLASH memory electrical characteristics do not apply to the MC68HC08JB16 ROM device. ROM MC Order Numbers These part numbers are generic numbers only. To place an order, ROM code must be submitted to the ROM Processing Center (RPC). Table 5. ROM MC Order Numbers MC Order Number Package Operating Temperature Range MC68HC08JB16JDW 20-pin SOIC 0 °C to +70 °C MC68HC08JB16DW 28-pin SOIC 0 °C to +70 °C Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |