| Moteur de recherche de fiches techniques de composants électroniques |
|
HC908JB16AD Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HC908JB16AD Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 12 page ![]() HC908JB16AD/D Rev. 1, 8/2002 Addendum to MC68HC908JB16 Technical Data Addendum This addendum provides update and additional information to the MC68HC908JB16 Technical Data, Rev. 1 (Motorola document number MC68HC908JB16/D), pertaining to the following: • MC68HC908JB16 – Update to VREG LVI trip point – 20-pin SOIC package • MC68HC908JB12 • MC68HC08JB16 MC68HC908JB16 This section updates data sheet information and introduces the 20-pin SOIC package for the MC68HC908JB16. VREG LVI Trip Point Page 318, entry for minimum VREG LVI trip point voltage has been updated. From: To: Characteristic Symbol Min Typ Max Unit VREG LVI trip point voltage VLVR 2.0 2.2 2.6 V VREG LVI trip point voltage VLVR 1.9 2.2 2.6 V Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Numéro de pièce similaire - HC908JB16AD |
|
Description similaire - HC908JB16AD |