| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE811 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE811 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 64 page ![]() STMPE811 SPI interface Doc ID 14489 Rev 2 17/64 Figure 7. SPI timing specification tCSCL CS_n high to first clock edge 300 −− ns tCSZ CS_n high to tri-state on MISO 1 −− µs Table 10. SPI timing specification (continued) Symbol Description Timing Unit Min Typ Max |