| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE811 Fiches technique(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE811 Fiches technique(HTML) 52 Page - STMicroelectronics |
|
52 / 64 page ![]() GPIO controller STMPE811 52/64 Doc ID 14489 Rev 2 13.0.2 Power-up reset (POR) The STMPE811 is equipped with an internal POR circuit that holds the device in reset state, until the VIO supply input is valid. The internal POR is tied to the VIO supply pin. On power-up reset, all GPIOs are set as input. |