| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2921 Fiches technique(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 Fiches technique(HTML) 14 Page - NXP Semiconductors |
|
14 / 84 page ![]() LPC2921_23_25_3 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 03 — 14 April 2010 14 of 84 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN, LIN, and USB Two of the base clocks generated by the CGU0 are used as input into a second, dedicated CGU (CGU1). The CGU1 uses its own PLL and fractional dividers to generate the base clock for the USB controller and one base clock for an independent clock output. 6.7.2 Base clock and branch clock relationship Table 7 contains an overview of all the base blocks in the LPC2921/2923/2925 and their derived branch clocks. A short description is given of the hardware parts that are clocked with the individual branch clocks. In relevant cases more detailed information can be Fig 4. LPC2921/2923/2925 overview of clock areas TIMER0/1 MTMR PWM0/1/2/3 ADC1/2 QEI modulation and sampling control subsystem BASE_MSCSS_CLK branch clocks branch clocks BASE_ADC_CLK BASE_ICLK0_CLK BASE_ICLK1_CLK CAN0/1 GLOBAL ACCEPTANCE FILTER LIN0/1 I2C0/1 networking subsystem BASE_IVNSS_CLK branch clocks RESET/CLOCK GENERATION POWER MANAGEMENT power control subsystem BASE_PCR_CLK branch clock GPIO0/1/5 TIMER0/1/2/3 SPI0/1/2 UART0/1 WDT BASE_SYS_CLK CPU AHB MULTILAYER MATRIX VIC GPDMA USB REGISTERS FLASH/SRAM general subsytem peripheral subsystem AHB TO APB BRIDGES SYSTEM CONTROL EVENT ROUTER CFID branch clocks BASE_SAFE_CLK BASE_UART_CLK BASE_SPI_CLK BASE_TMR_CLK 002aae238 CGU0 CGU1 BASE_USB_CLK BASE_OUT_CLK USB CLOCK OUT |