| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2921 Fiches technique(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 Fiches technique(HTML) 32 Page - NXP Semiconductors |
|
32 / 84 page ![]() LPC2921_23_25_3 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 03 — 14 April 2010 32 of 84 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN, LIN, and USB The PWMs can be used to generate waveforms in which the frequency, duty cycle and rising and falling edges can be controlled very precisely. Capture inputs are provided to measure event phases compared to the main counter. Depending on the applications, these inputs can be connected to digital sensor motor outputs or digital external signals. Interrupt signals are generated on several events to closely interact with the CPU. The ADCs can be used for any application needing accurate digitized data from analog sources. To support applications like motor control, a mechanism to synchronize several PWMs and ADCs is available (sync_in and sync_out). Note that the PWMs run on the PWM clock and the ADCs on the ADC clock, see Section 6.15.2. |