| Moteur de recherche de fiches techniques de composants électroniques |
|
KTY82/120 Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY82/120 Fiches technique(HTML) 6 Page - NXP Semiconductors |
|
6 / 17 page ![]() KTY82_SER_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 14 January 2008 6 of 17 NXP Semiconductors KTY82 series Silicon temperature sensors Table 8. Ambient temperature, corresponding resistance, temperature coefficient and maximum expected temperature error for KTY82/121 and KTY82/122 Isen(cont) = 1 mA. Ambient temperature Temperature coefficient (%/K) KTY82/121 KTY82/122 ( °C) ( °F) Resistance ( Ω) Temperature error (K) Resistance ( Ω) Temperature error (K) Min Typ Max Min Typ Max −55 −67 0.99 471 485 500 ±3.02 480 495 510 ±3.02 −50 −58 0.98 495 510 524 ±2.92 505 520 535 ±2.92 −40 −40 0.96 547 562 576 ±2.74 558 573 588 ±2.74 −30 −22 0.93 603 617 632 ±2.55 615 630 645 ±2.55 −20 −4 0.91 662 677 691 ±2.35 676 690 705 ±2.35 −10 14 0.88 726 740 754 ±2.14 741 755 769 ±2.14 0 32 0.85 794 807 820 ±1.91 810 823 836 ±1.91 10 50 0.83 865 877 889 ±1.67 883 895 907 ±1.67 20 68 0.80 941 951 962 ±1.41 960 971 982 ±1.41 25 77 0.79 980 990 1000 ±1.27 1000 1010 1020 ±1.27 30 86 0.78 1018 1029 1041 ±1.39 1039 1050 1062 ±1.39 40 104 0.75 1097 1111 1125 ±1.64 1120 1134 1148 ±1.64 50 122 0.73 1180 1196 1213 ±1.91 1204 1221 1238 ±1.91 60 140 0.71 1266 1286 1305 ±2.19 1291 1312 1332 ±2.19 70 158 0.69 1355 1378 1402 ±2.49 1382 1406 1430 ±2.49 80 176 0.67 1447 1475 1502 ±2.8 1477 1505 1533 ±2.8 90 194 0.65 1543 1575 1607 ±3.12 1574 1607 1639 ±3.12 100 212 0.63 1642 1679 1716 ±3.46 1676 1713 1750 ±3.46 110 230 0.61 1745 1786 1828 ±3.83 1780 1823 1865 ±3.83 120 248 0.58 1849 1896 1943 ±4.33 1886 1934 1982 ±4.33 125 257 0.55 1900 1950 2000 ±4.66 1938 1989 2041 ±4.66 130 266 0.52 1950 2003 2056 ±5.07 1989 2044 2098 ±5.07 140 284 0.45 2044 2103 2162 ±6.28 2085 2146 2206 ±6.28 150 302 0.35 2124 2189 2254 ±8.55 2167 2233 2299 ±8.55 |