| Moteur de recherche de fiches techniques de composants électroniques |
|
KTY82/120 Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY82/120 Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 17 page ![]() KTY82_SER_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 14 January 2008 4 of 17 NXP Semiconductors KTY82 series Silicon temperature sensors 6. Characteristics [1] The thermal time constant is the time taken for the sensor to reach 63.2 % of the total temperature difference. For example, if a sensor with a temperature of 25 °C is moved to an environment with an ambient temperature of 100 °C, the time for the sensor to reach a temperature of 72.4 °C is the thermal time constant. Table 6. Characteristics Tamb =25 °C; in liquid; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit R25 sensor resistance Isen(cont) =1mA KTY82/110 990 - 1010 Ω KTY82/120 980 - 1020 Ω KTY82/121 980 - 1000 Ω KTY82/122 1000 - 1020 Ω KTY82/150 950 - 1050 Ω KTY82/151 950 - 1000 Ω KTY82/210 1980 - 2020 Ω KTY82/220 1960 - 2040 Ω KTY82/221 1960 - 2000 Ω KTY82/222 2000 - 2040 Ω KTY82/250 1900 - 2100 Ω KTY82/251 1900 - 2000 Ω KTY82/252 2000 - 2100 Ω TC temperature coefficient - 0.79 - %/K R100/R25 resistance ratio Tamb = 100 °C and 25 °C 1.676 1.696 1.716 R−55/R25 resistance ratio Tamb = −55 °C and 25 °C 0.480 0.490 0.500 ∆R25 drift of sensor resistance at 25 °C 10000 h continuous operation; Tamb = 150 °C KTY82/1 series - 1.6 - Ω KTY82/2 series - 3.2 - Ω τth thermal time constant in still air [1] -7 -s in still liquid [1] -1 -s in flowing liquid [1] - 0.5 - s |