Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTY82/110 Fiches technique(PDF) 14 Page - NXP Semiconductors

No de pièce KTY82/110
Description  Silicon temperature sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY82/110 Fiches technique(HTML) 14 Page - NXP Semiconductors

Back Button KTY82/110 Datasheet HTML 9Page - NXP Semiconductors KTY82/110 Datasheet HTML 10Page - NXP Semiconductors KTY82/110 Datasheet HTML 11Page - NXP Semiconductors KTY82/110 Datasheet HTML 12Page - NXP Semiconductors KTY82/110 Datasheet HTML 13Page - NXP Semiconductors KTY82/110 Datasheet HTML 14Page - NXP Semiconductors KTY82/110 Datasheet HTML 15Page - NXP Semiconductors KTY82/110 Datasheet HTML 16Page - NXP Semiconductors KTY82/110 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
KTY82_SER_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 January 2008
14 of 17
NXP Semiconductors
KTY82 series
Silicon temperature sensors
9.
Soldering
Fig 5.
Reflow soldering footprint SOT23
Fig 6.
Wave soldering footprint SOT23
solder resist
occupied area
solder lands
solder paste
Dimensions in mm
sot023
1.00
0.60
(3x)
1.30
1
2
3
2.50
3.00
0.85
2.70
2.90
0.50 (3x)
0.60 (3x)
3.30
0.85
sot023
4.00
4.60
2.80
4.50
1.20
3.40
3
21
1.20 (2x)
preferred transport direction during soldering
Dimensions in mm
solder resist
occupied area
solder lands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17