| Moteur de recherche de fiches techniques de composants électroniques |
|
KTY82/110 Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY82/110 Fiches technique(HTML) 7 Page - NXP Semiconductors |
|
7 / 17 page ![]() KTY82_SER_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 14 January 2008 7 of 17 NXP Semiconductors KTY82 series Silicon temperature sensors Table 9. Ambient temperature, corresponding resistance, temperature coefficient and maximum expected temperature error for KTY82/150 and KTY82/151 Isen(cont) = 1 mA. Ambient temperature Temperature coefficient (%/K) KTY82/150 KTY82/151 ( °C) ( °F) Resistance ( Ω) Temperature error (K) Resistance ( Ω) Temperature error (K) Min Typ Max Min Typ Max −55 −67 0.99 456 490 524 ±7.04 456 478 499 ±4.52 −50 −58 0.98 479 515 550 ±6.99 480 502 524 ±4.45 −40 −40 0.96 530 567 605 ±6.91 530 553 576 ±4.3 −30 −22 0.93 584 624 663 ±6.84 584 608 632 ±4.16 −20 −4 0.91 642 684 725 ±6.77 642 667 691 ±4.01 −10 14 0.88 703 747 791 ±6.69 704 729 753 ±3.84 0 32 0.85 769 815 861 ±6.61 770 794 819 ±3.67 10 50 0.83 838 886 934 ±6.51 839 864 889 ±3.48 20 68 0.80 912 961 1010 ±6.41 912 937 962 ±3.28 25 77 0.79 950 1000 1050 ±6.35 950 975 1000 ±3.18 30 86 0.78 987 1040 1093 ±6.55 988 1014 1040 ±3.33 40 104 0.75 1064 1122 1181 ±6.97 1064 1094 1124 ±3.64 50 122 0.73 1143 1209 1274 ±7.4 1144 1178 1212 ±3.97 60 140 0.71 1226 1299 1371 ±7.85 1227 1266 1305 ±4.31 70 158 0.69 1313 1392 1472 ±8.31 1314 1357 1401 ±4.67 80 176 0.67 1402 1490 1577 ±8.79 1404 1453 1501 ±5.05 90 194 0.65 1495 1591 1687 ±9.29 1497 1551 1606 ±5.43 100 212 0.63 1591 1696 1801 ±9.81 1593 1654 1714 ±5.84 110 230 0.61 1690 1805 1919 ±10.4 1692 1759 1827 ±6.3 120 248 0.58 1791 1915 2039 ±11.28 1792 1867 1942 ±6.94 125 257 0.55 1840 1970 2099 ±11.91 1842 1920 1999 ±7.38 130 266 0.52 1889 2023 2158 ±12.72 1891 1973 2055 ±7.94 140 284 0.45 1980 2124 2269 ±15.21 1982 2071 2161 ±9.63 150 302 0.35 2057 2211 2365 ±20.09 2059 2156 2252 ±12.88 |