| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC10F220E/P Fiches technique(PDF) 48 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F220E/P Fiches technique(HTML) 48 Page - Microchip Technology |
|
48 / 86 page ![]() PIC10F220/222 DS41270E-page 46 © 2007 Microchip Technology Inc. BTFSS Bit Test f, Skip if Set Syntax: [ label ] BTFSS f,b Operands: 0 ≤ f ≤ 31 0 ≤ b < 7 Operation: skip if (f<b>) = 1 Status Affected: None Description: If bit ‘b’ in register ‘f’ is ‘1’, then the next instruction is skipped. If bit ‘b’ is ‘1’, then the next instruc- tion fetched during the current instruction execution, is discarded and a NOP is executed instead, making this a two-cycle instruction. CALL Subroutine Call Syntax: [ label ] CALL k Operands: 0 ≤ k ≤ 255 Operation: (PC) + 1 → Top of Stack; k → PC<7:0>; (Status<6:5>) → PC<10:9>; 0 → PC<8> Status Affected: None Description: Subroutine call. First, return address (PC + 1) is pushed onto the stack. The eight-bit immediate address is loaded into PC bits <7:0>. The upper bits PC<10:9> are loaded from STATUS<6:5>, PC<8> is cleared. CALL is a two- cycle instruction. CLRF Clear f Syntax: [ label ] CLRF f Operands: 0 ≤ f ≤ 31 Operation: 00h → (f); 1 → Z Status Affected: Z Description: The contents of register ‘f’ are cleared and the Z bit is set. CLRW Clear W Syntax: [ label ] CLRW Operands: None Operation: 00h → (W); 1 → Z Status Affected: Z Description: The W register is cleared. Zero bit (Z) is set. CLRWDT Clear Watchdog Timer Syntax: [ label ] CLRWDT k Operands: None Operation: 00h → WDT; 0 → WDT prescaler (if assigned); 1 → TO; 1 → PD Status Affected: TO, PD Description: The CLRWDT instruction resets the WDT. It also resets the prescaler, if the prescaler is assigned to the WDT and not Timer0. Status bits TO and PD are set. COMF Complement f Syntax: [ label ] COMF f,d Operands: 0 ≤ f ≤ 31 d ∈ [0,1] Operation: (f) → (dest) Status Affected: Z Description: The contents of register ‘f’ are complemented. If ‘d’ is ‘0’, the result is stored in the W register. If ‘d’ is ‘1’, the result is stored back in register ‘f’. |