| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC10F220E/P Fiches technique(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F220E/P Fiches technique(HTML) 36 Page - Microchip Technology |
|
36 / 86 page ![]() PIC10F220/222 DS41270E-page 34 © 2007 Microchip Technology Inc. 8.2 Oscillator Configurations 8.2.1 OSCILLATOR TYPES The PIC10F220/222 devices are offered with internal oscillator mode only. • INTOSC: Internal 4/8 MHz Oscillator 8.2.2 INTERNAL 4/8 MHz OSCILLATOR The internal oscillator provides a 4/8 MHz (nominal) system clock (see Section 10.0 “Electrical Charac- teristics” for information on variation over voltage and temperature). In addition, a calibration instruction is programmed into the last address of memory, which contains the calibra- tion value for the internal oscillator. This location is always uncode protected, regardless of the code-pro- tect settings. This value is programmed as a MOVLW XX instruction where XX is the calibration value and is placed at the Reset vector. This will load the W register with the calibration value upon Reset and the PC will then roll over to the users program at address 0x000. The user then has the option of writing the value to the OSCCAL Register (05h) or ignoring it. OSCCAL, when written to with the calibration value, will “trim” the internal oscillator to remove process variation from the oscillator frequency. 8.3 Reset The device differentiates between various kinds of Reset: • Power-on Reset (POR) •MCLR Reset during normal operation •MCLR Reset during Sleep • WDT Time-out Reset during normal operation • WDT Time-out Reset during Sleep • Wake-up from Sleep on pin change Some registers are not reset in any way, they are unknown on POR and unchanged in any other Reset. Most other registers are reset to “Reset state” on Power-on Reset (POR), MCLR, WDT or Wake-up on pin change Reset during normal operation. They are not affected by a WDT Reset during Sleep or MCLR Reset during Sleep, since these Resets are viewed as resumption of normal operation. The exceptions to this are TO, PD and GPWUF bits. They are set or cleared differently in different Reset situations. These bits are used in software to determine the nature of Reset. See Table 8-1 for a full description of Reset states of all registers. TABLE 8-1: RESET CONDITIONS FOR REGISTERS – PIC10F220/222 Note: Erasing the device will also erase the pre- programmed internal calibration value for the internal oscillator. The calibration value must be read prior to erasing the part so it can be reprogrammed correctly later. Register Address Power-on Reset MCLR Reset, WDT Time-out, Wake-up On Pin Change, W— qqqq qqqu (1) qqqq qqqu (1) INDF 00h xxxx xxxx uuuu uuuu TMR0 01h xxxx xxxx uuuu uuuu PC 02h 1111 1111 1111 1111 STATUS 03h 0--1 1xxx q00q quuu FSR 04h 111x xxxx 111u uuuu OSCCAL 05h 1111 1110 uuuu uuuu GPIO 06h ---- xxxx ---- uuuu ADCON0 07h 11-- 1100 11-- 1100 ADRES 08h xxxx xxxx uuuu uuuu OPTION — 1111 1111 1111 1111 TRIS — ---- 1111 ---- 1111 Legend: u = unchanged, x = unknown, – = unimplemented bit, read as ‘0’, q = value depends on condition. Note 1: Bits <7:2> of W register contain oscillator calibration values due to MOVLW XX instruction at top of memory. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |