Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1613ARMZ-R7 Fiches technique(PDF) 25 Page - Analog Devices

No de pièce ADP1613ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1613ARMZ-R7 Fiches technique(HTML) 25 Page - Analog Devices

Back Button ADP1613ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 28Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
1-5
Using ADSP-BF506F EZ-KIT Lite
To connect the EZ-KIT Lite to a PC via the debug agent:
1. Plug one side of the provided USB cable into the USB connector of
the debug agent ZP1 (labeled USB). Plug the other side of the cable
into a USB port of the PC running VisualDSP++ .
2. Verify that the yellow USB monitor LED on the debug agent,
ZLED2
, is lit. This signifies that the board is communicating prop-
erly with the host PC and ready to run VisualDSP++.
EZ-KIT Lite Session Startup
1. If you are running VisualDSP++ for the first time, navigate to the
VisualDSP++ environment via the Start–>Programs menu. The
main window appears. Note that VisualDSP++ does not connect to
any session. Skip the rest of this step to step 2.
If you have run VisualDSP++ previously, the last opened session
appears on the screen. You can override the default behavior and
force VisualDSP++ to start a new session by pressing and holding
down the Ctrl key while starting VisualDSP++. Do not release the
Ctrl key until the Session Wizard appears on the screen. Go to
step 3.
2. To connect to a new EZ-KIT Lite session, start Session Wizard by
selecting one of the following.
• From the Session menu, New Session.
• From the Session menu, Session List. Then click New Ses-
sion from the Session List dialog box.
• From the Session menu, Connect to Target.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75