Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1613ARMZ-R7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADP1613ARMZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1613ARMZ-R7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADP1613ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
x
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
The evaluation board is designed to be used in conjunction with the Visu-
alDSP++® development environment to test capabilities of the
ADSP-BF504/BF506(F) Blackfin processors. The VisualDSP++ develop-
ment environment aids advanced application code development and
debug, such as:
• Create, compile, assemble, and link application programs written
in C++, C, and ADSP-BF506F assembly
• Load, run, step, halt, and set breakpoints in application programs
• Read and write data and program memory
• Read and write core and peripheral registers
• Plot memory
Access to the processor from a personal computer (PC) is achieved
through a USB port or an external JTAG emulator. The USB interface
provides unrestricted access to the ADSP-BF506F processor and evalua-
tion board peripherals. Analog Devices JTAG emulators offer faster
communication between the host PC and target hardware. Analog Devices
carries a wide range of in-circuit emulation products. To learn more about
Analog Devices emulators and processor development tools, go to
http://www.analog.com/dsp/tools/
.
The ADSP-BF506F EZ-KIT Lite provides example programs to demon-
strate the evaluation board capabilities.
An EZ-KIT Lite is a licensed product that offers an unrestricted
evaluation license for the first 90 days. For details about evaluation
license restrictions after the 90 days, refer to “Evaluation License
Restrictions” on page 1-7 in this manual and the VisualDSP++
Installation Quick Reference Card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75