Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC14AD Fiches technique(PDF) 12 Page - Analog Devices

No de pièce 74LVC14AD
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

74LVC14AD Fiches technique(HTML) 12 Page - Analog Devices

Back Button 74LVC14AD Datasheet HTML 8Page - Analog Devices 74LVC14AD Datasheet HTML 9Page - Analog Devices 74LVC14AD Datasheet HTML 10Page - Analog Devices 74LVC14AD Datasheet HTML 11Page - Analog Devices 74LVC14AD Datasheet HTML 12Page - Analog Devices 74LVC14AD Datasheet HTML 13Page - Analog Devices 74LVC14AD Datasheet HTML 14Page - Analog Devices 74LVC14AD Datasheet HTML 15Page - Analog Devices 74LVC14AD Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
Purpose of This Manual
xii
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
•LEDs
Five LEDs: one board reset (red), three general-purpose
(amber), and one power (green)
• Push buttons
Three push buttons: one reset and two programmable flags
with debounce logic
• Expansion interface II
Next generation of the expansion interface design, provides
access to most of the processor signals
• Land grid array
Easy probing of all port pins
• Other features
JTAG ICE 14-pin header
Processor power measurement jumpers
For information about the hardware components of the EZ-KIT Lite,
refer to “ADSP-BF506F EZ-KIT Lite Bill Of Materials” on page A-1.
Purpose of This Manual
The ADSP-BF506F EZ-KIT Lite Evaluation System Manual provides
instructions for installing the product hardware (board). The text
describes operation and configuration of the board components and pro-
vides guidelines for running your own code on the ADSP-BF506F
EZ-KIT Lite. Finally, a schematic and a bill of materials are provided for
reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75