Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC14AD Fiches technique(PDF) 44 Page - Analog Devices

No de pièce 74LVC14AD
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

74LVC14AD Fiches technique(HTML) 44 Page - Analog Devices

Back Button 74LVC14AD Datasheet HTML 40Page - Analog Devices 74LVC14AD Datasheet HTML 41Page - Analog Devices 74LVC14AD Datasheet HTML 42Page - Analog Devices 74LVC14AD Datasheet HTML 43Page - Analog Devices 74LVC14AD Datasheet HTML 44Page - Analog Devices 74LVC14AD Datasheet HTML 45Page - Analog Devices 74LVC14AD Datasheet HTML 46Page - Analog Devices 74LVC14AD Datasheet HTML 47Page - Analog Devices 74LVC14AD Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
Push Buttons and Switches
2-10
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
Programmable Flag Push Buttons (SW7–8)
Two momentary push buttons (SW7 and SW8) are provided for general-pur-
pose user input. The buttons are connected to the PF3–4 GPIO pins of the
processor. The push buttons are active high and, when pressed, send a
high (1) to the processor. The GPIO enable switch (SW3) disconnects the
push buttons from the associated push button signals (refer to “Push But-
ton Enable Switch (SW3)” on page 2-9 for more information).
ADC Loopback Switches (SW9–10)
The ADC loopback switches (SW9 and SW10) are used for testing only. The
switches connect a test signal to the ADC inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75