| Moteur de recherche de fiches techniques de composants électroniques |
|
CS4294/CS4298 Fiches technique(PDF) 10 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4294/CS4298 Fiches technique(HTML) 10 Page - Cirrus Logic |
|
10 / 81 page ![]() CS4205 10 DS489PP4 AC ’97 SERIAL PORT TIMING Standard test conditions unless otherwise noted: T ambient = 25° C, AVdd = 5.0 V, DVdd = 3.3 V; CL = 55 pF load. Parameter Symbol Min Typ Max Unit RESET Timing RESET# active low pulse width Trst_low 1.0 - - µs RESET# inactive to BIT_CLK start-up delay (XTL mode) (OSC mode) (PLL mode) Trst2clk - - - 4.0 4.0 2.5 - - - µs µs ms 1st SYNC active to CODEC READY ‘set’ Tsync2crd -62.5- µs Vdd stable to RESET# inactive Tvdd2rst# 100 - - µs Clocks BIT_CLK frequency Fclk - 12.288 - MHz BIT_CLK period Tclk_period - 81.4 - ns BIT_CLK output jitter (depends on XTL_IN source) - - 750 ps BIT_CLK high pulse width Tclk_high 36 40.7 45 ns BIT_CLK low pulse width Tclk_low 36 40.7 45 ns SYNC frequency Fsync - 48 - kHz SYNC period Tsync_period -20.8- µs SYNC high pulse width Tsync_high -1.3 - µs SYNC low pulse width Tsync_low -19.5- µs Data Setup and Hold Output propagation delay from rising edge of BIT_CLK Tco 810 12 ns Input setup time from falling edge of BIT_CLK Tisetup 10 - - ns Input hold time from falling edge of BIT_CLK Tihold 0- - ns Input signal rise time Tirise 2-6 ns Input signal fall time Tifall 2-6 ns Output signal rise time (Note 4) Torise 24 6 ns Output signal fall time (Note 4) Tofall 24 6 ns Misc. Timing Parameters End of Slot 2 to BIT_CLK, SDATA_IN low (PR4) Ts2_pdown -0.2 1.0 µs SYNC pulse width (PR4) Warm Reset Tsync_pr4 1.0 - - µs SYNC inactive (PR4) to BIT_CLK start-up delay Tsync2clk 162.8 285 - ns Setup to trailing edge of RESET# (ATE test mode) (Note 4) Tsetup2rst 15 - - ns Rising edge of RESET# to Hi-Z delay (Note 4) Toff - - 25 ns |