Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320C6720RFP300 Fiches technique(PDF) 106 Page - Texas Instruments

No de pièce TMS320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6720RFP300 Fiches technique(HTML) 106 Page - Texas Instruments

Back Button TMS320C6720RFP300 Datasheet HTML 102Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 103Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 104Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 105Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 106Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 107Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 108Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 109Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 118 page
background image
4.18.2 PLL Registers Description(s)
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Table 4-43 is a list of the PLL registers. For more information about these registers, see the
TMS320C672x DSP Software-Programmable Phase-Locked Loop (PLL) Controller Reference Guide
(literature number SPRU879).
Table 4-43. PLL Controller Registers
BYTE ADDRESS
REGISTER NAME
DESCRIPTION
0x4100 0000
PLLPID
PLL controller peripheral identification register
0x4100 0100
PLLCSR
PLL control/status register
0x4100 0110
PLLM
PLL multiplier control register
0x4100 0114
PLLDIV0
PLL controller divider register 0
0x4100 0118
PLLDIV1
PLL controller divider register 1
0x4100 011C
PLLDIV2
PLL controller divider register 2
0x4100 0120
PLLDIV3
PLL controller divider register 3
0x4100 0138
PLLCMD
PLL controller command register
0x4100 013C
PLLSTAT
PLL controller status register
0x4100 0140
ALNCTL
PLL controller clock align control register
0x4100 0148
CKEN
Clock enable control register
0x4100 014C
CKSTAT
Clock status register
0x4100 0150
SYSTAT
SYSCLK status register
106
Peripheral and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More