Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320C6720RFP300 Fiches technique(PDF) 68 Page - Texas Instruments

No de pièce TMS320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6720RFP300 Fiches technique(HTML) 68 Page - Texas Instruments

Back Button TMS320C6720RFP300 Datasheet HTML 64Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 65Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 66Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 67Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 68Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 69Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 70Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 71Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 118 page
background image
UHPI_HCS
UHPI_HAS
UHPI_HCNTL[1:0]
UHPI_HRW
UHPI_HHWIL
HSTROBE(A)
UHPI_HD[15:0]
UHPI_HRDY
16
15
37
13
14
16
15
37
13
3
1
2
3
1
2
38
7
4
6
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
A.
See Figure 4-14.
B.
Depending on the type of write or read operation (HPID without auto-incrementing, HPIA, HPIC, or HPID with
auto-incrementing) and the state of the FIFO, transitions on UHPI_HRDY may or may not occur.
Figure 4-23. Multiplexed Read Timings With UHPI_HAS Held High
68
Peripheral and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More