Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320C6720RFP300 Fiches technique(PDF) 42 Page - Texas Instruments

No de pièce TMS320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6720RFP300 Fiches technique(HTML) 42 Page - Texas Instruments

Back Button TMS320C6720RFP300 Datasheet HTML 38Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 39Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 40Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 41Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 42Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 43Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 44Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 45Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Table 4-2 lists how the synchronization events are associated with event numbers in the dMAX controller.
Table 4-2. dMAX Peripheral Event Input Assignments
EVENT NUMBER
EVENT ACRONYM
EVENT DESCRIPTION
0
DETR[0]
The CPU triggers the event by creating appropriate transition (edge) on bit0
in DETR register.
1
DETR[16]
The CPU triggers the event by creating appropriate transition (edge) on bit16
in DETR register.
2
RTIREQ0
RTI DMA REQ[0]
3
RTIREQ1
RTI DMA REQ[1]
4
MCASP0TX
McASP0 TX DMA REQ
5
MCASP0RX
McASP0 RX DMA REQ
6
MCASP1TX
McASP1 TX DMA REQ
7
MCASP1RX
McASP1 RX DMA REQ
8
MCASP2TX
McASP2 TX DMA REQ
9
MCASP2RX
McASP2 RX DMA REQ
10
DETR[1]
The CPU triggers the event by creating appropriate transition (edge) on bit1
in DETR register.
11
DETR[17]
The CPU triggers the event by creating appropriate transition (edge) on bit17
in DETR register.
12
UHPIINT
UHPI CPU_INT
13
SPI0RX
SPI0 DMA_RX_REQ
14
SPI1RX
SPI1 DMA_RX_REQ
15
RTIREQ2
RTI DMA REQ[2]
16
RTIREQ3
RTI DMA REQ[3]
17
DETR[2]
The CPU triggers the event by creating appropriate transition (edge) on bit2
in DETR register.
18
DETR[18]
The CPU triggers the event by creating appropriate transition (edge) on bit18
in DETR register.
19
I2C0XEVT
I2C 0 Transmit Event
20
I2C0REVT
I2C 0 Receive Event
21
I2C1XEVT
I2C 1 Transmit Event
22
I2C1REVT
I2C 1 Receive Event
23
DETR[3]
The CPU triggers the event by creating appropriate transition (edge) on bit3
in DETR register.
24
DETR[19]
The CPU triggers the event by creating appropriate transition (edge) on bit19
in DETR register.
25
Reserved
26
MCASP0ERR
AMUTEIN0 or McASP0 TX INT or McASP0 RX INT (error on McASP0)
27
MCASP1ERR
AMUTEIN1 or McASP1 TX INT or McASP1 RX INT (error on McASP1)
28
MCASP2ERR
AMUTEIN2 or McASP2 TX INT or McASP2 RX INT (error on McASP2)
29
OVLREQ[0/1]
Error on RTI
30
DETR[20]
The CPU triggers the event by creating appropriate transition (edge) on bit20
in DETR register.
31
DETR[21]
The CPU triggers the event by creating appropriate transition (edge) on bit21
in DETR register.
Peripheral and Electrical Specifications
42
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More