| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP320C6727BRFP300 Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320C6727BRFP300 Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 118 page ![]() TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 www.ti.com Figure 2-7 shows the bit layout of the CFGPIN1 register and Table 2-11 contains a description of the bits. 31 8 Reserved 7 6 5 4 3 2 1 0 PINCAP15 PINCAP14 PINCAP13 PINCAP12 PINCAP11 PINCAP10 PINCAP9 PINCAP8 LEGEND: R/W = Read/Write; R = Read only; -n = value after reset Figure 2-7. CFGPIN1 Register Bit Layout (0x4000 0004) Table 2-11. CFGPIN1 Register Bit Field Description (0x4000 0004) BIT NO. NAME DESCRIPTION 31:8 Reserved Reads are indeterminate. Only 0s should be written to these bits. 7 PINCAP15 AXR0[5]/SPI1_SCS pin state captured on rising edge of RESET pin. 6 PINCAP14 AXR0[6]/SPI1_ENA pin state captured on rising edge of RESET pin. 5 PINCAP13 UHPI_HCS pin state captured on rising edge of RESET pin. 4 PINCAP12 UHPI_HD[0] pin state captured on rising edge of RESET pin. 3 PINCAP11 EM_D[16]/UHPI_HA[0] pin state captured on rising edge of RESET pin. 2 PINCAP10 AFSX0 pin state captured on rising edge of RESET pin. 1 PINCAP9 AFSR0 pin state captured on rising edge of RESET pin. 0 PINCAP8 AXR0[0] pin state captured on rising edge of RESET pin. Device Overview 18 Submit Documentation Feedback |