Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP320C6727BRFP300 Fiches technique(PDF) 71 Page - Texas Instruments

No de pièce TMP320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6727BRFP300 Fiches technique(HTML) 71 Page - Texas Instruments

Back Button TMP320C6727BRFP300 Datasheet HTML 67Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 68Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 69Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 70Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 71Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 72Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 73Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 74Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
The three McASPs on C672x have different configurations (see Table 4-19). NOTE: McASP2 is not
available on the C6722B and C6720.
Table 4-19. McASP Configurations on C672x DSP
McASP
DIT
CLOCK PINS
DATA PINS
COMMENTS
McASP0
No
AHCLKX0/AHCLKX2, ACLKX0, AFSX0
Up to 16
AHCLKX0/AHCLKX2 share pin.
AHCLKR0/AHCLKR1, ACLKR0, AFSR0
AHCLKR0/AHCLKR1 share pin.
McASP1
No
AHCLKX1, ACLKX1, AFSX1, ACLKR1, AFSR1
Up to 6
AHCLKR0/AHCLKR1 share pin
McASP2
Yes
ACLKX2, AFSX2, AHCLKR2, ACLKR2, AFSR2
Up to 2
Full functionality on C6727B. On
(Only available on the C6727B.)
C6726B, functions only as DIT since only
AHCLKX0/AHCLKX2 is available.
Not available on the C6722B and C6720.
NOTE: The McASPs do not have dedicated AMUTEINx pins. Instead they can select one of the pins
listed in Table 4-21, Table 4-22, and Table 4-23 to use as a mute input.
Submit Documentation Feedback
Peripheral and Electrical Specifications
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More