Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC2829 Fiches technique(PDF) 3 Page - Micrel Semiconductor

No de pièce MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Fiches technique(HTML) 3 Page - Micrel Semiconductor

  MIC2829 Datasheet HTML 1Page - Micrel Semiconductor MIC2829 Datasheet HTML 2Page - Micrel Semiconductor MIC2829 Datasheet HTML 3Page - Micrel Semiconductor MIC2829 Datasheet HTML 4Page - Micrel Semiconductor MIC2829 Datasheet HTML 5Page - Micrel Semiconductor MIC2829 Datasheet HTML 6Page - Micrel Semiconductor MIC2829 Datasheet HTML 7Page - Micrel Semiconductor MIC2829 Datasheet HTML 8Page - Micrel Semiconductor MIC2829 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
3
M9999-051410-B
Ordering Information
Part Number
Marking Code
Junction
Temperature Range
Package
Lead Finish
MIC2829-A0YAL
MIC2829-A0
-40°C to +125°C
76-Pin 5.5mm x 5.5mm LGA
Pb-Free
MIC2829-B0YAB
(1)
MIC2829-B0
-40°C to +125°C
85-Pin 5.5mm x 5.5mm FBGA
Pb-Free
Output
Output Voltage
(A0 Option)
Output Voltage
(B0 Option)
DC1
1.2V
1.15V
DC2
1.0V / 1.2V
1.0V / 1.2V
DC3
3.0V
3.0V
DC4
1.8V
1.8V
DC5
ADJ
ADJ
DC6
ADJ
ADJ
LDO1
3.3V
3.3V
LDO2
2.5V
2.5V
LDO3
2.8V
2.8V
LDO4
2.85V
2.85V
LNR5
2.8V
2.8V
LNR6
2.5V
2.5V
LNR7
1.8V
1.8V
LNR8
1.5V
1.35V
LNR9
1.2V
1.2V
LNR10
1.2V
1.2V
LDO11
2.8V
2.8V
Note:
1. Contact Micrel Marketing for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52