Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HAL855UT-K Fiches technique(PDF) 20 Page - Micronas

No de pièce HAL855UT-K
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRONAS [Micronas]
Site Internet  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855UT-K Fiches technique(HTML) 20 Page - Micronas

Back Button HAL855UT-K Datasheet HTML 16Page - Micronas HAL855UT-K Datasheet HTML 17Page - Micronas HAL855UT-K Datasheet HTML 18Page - Micronas HAL855UT-K Datasheet HTML 19Page - Micronas HAL855UT-K Datasheet HTML 20Page - Micronas HAL855UT-K Datasheet HTML 21Page - Micronas HAL855UT-K Datasheet HTML 22Page - Micronas HAL855UT-K Datasheet HTML 23Page - Micronas HAL855UT-K Datasheet HTML 24Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
HAL855
DATA SHEET
20
Nov. 26, 2008; DSH000149_003EN
Micronas
3.2. Dimensions of Sensitive Area
0.25 mm x 0.25 mm
3.3. Position of Sensitive Areas
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than abso-
lute maximum-rated voltages to this high-impedance circuit.
All voltages listed are referenced to ground (GND).
TO92UT-1/-2
y
1.5 mm nominal
A4
0.3 mm nominal
Bd
0.3 mm
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
−14.51)
18
V
−I
DD
Reverse Supply Current
1
−
502)
mA
IZ
Current through Protection Device
1 or 3
−502)
502)
mA
VOUT
Output Voltage
3
−0.3
>144)
14
184)
V
V
IOUT
Continuous Output Current
3
−502)
502)
mA
TJ
Junction Temperature Range
−40
−40
150
1703)
°C
NPROG
Number of Programming Cycles
−
100
1) t < 1 min.
2) as long as T
Jmax is not exceeded
3) t < 1000h
4) t < 100h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42