Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HAL855UT-K Fiches technique(PDF) 16 Page - Micronas

No de pièce HAL855UT-K
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRONAS [Micronas]
Site Internet  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855UT-K Fiches technique(HTML) 16 Page - Micronas

Back Button HAL855UT-K Datasheet HTML 12Page - Micronas HAL855UT-K Datasheet HTML 13Page - Micronas HAL855UT-K Datasheet HTML 14Page - Micronas HAL855UT-K Datasheet HTML 15Page - Micronas HAL855UT-K Datasheet HTML 16Page - Micronas HAL855UT-K Datasheet HTML 17Page - Micronas HAL855UT-K Datasheet HTML 18Page - Micronas HAL855UT-K Datasheet HTML 19Page - Micronas HAL855UT-K Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
HAL855
DATA SHEET
16
Nov. 26, 2008; DSH000149_003EN
Micronas
3. Specifications
3.1. Outline Dimensions
Fig. 3–1:
TO92UT-2: Plastic Transistor Standard UT package, 3 leads, not spread
Weight approximately 0.12 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42