| Moteur de recherche de fiches techniques de composants électroniques |
|
74HC366D Fiches technique(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74HC366D Fiches technique(HTML) 11 Page - NXP Semiconductors |
|
11 / 19 page ![]() 74HC_HCT366_3 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 03 — 21 November 2006 11 of 19 NXP Semiconductors 74HC366; 74HCT366 Hex buffer/line driver; 3-state; inverting [4] tt is the same as tTHL and tTLH. [5] CPD is used to determine the dynamic power dissipation (PD in µW). PD =CPD × VCC2 × fi × N + ∑(CL × VCC2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; ∑(CL × VCC2 × fo) = sum of outputs. 11. Waveforms Measurement points are given in Table 10. VOL and VOH are typical output voltage drop that occur with the output load. Fig 6. Propagation delay data input (nA) to output (nY) and output transition time 001aaf585 VM VM tPHL tTHL tTLH tPLH VM VM nA input VI GND VOH VOL nY output Measurement points are given in Table 10. VOL and VOH are typical output voltage drop that occur with the output load. Fig 7. 3-state enable and disable times 001aaf586 tPLZ tPHZ outputs disabled outputs enabled VY VX VI GND VCC VOL VOH GND outputs enabled nY output LOW-to-OFF OFF-to-LOW nY output HIGH-to-OFF OFF-to-HIGH OEn input VM VM tPZL tPZH VM VM |