Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9553/PCBZ Fiches technique(PDF) 15 Page - Analog Devices

No de pièce AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Fiches technique(HTML) 15 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 11Page - Analog Devices AD9553/PCBZ Datasheet HTML 12Page - Analog Devices AD9553/PCBZ Datasheet HTML 13Page - Analog Devices AD9553/PCBZ Datasheet HTML 14Page - Analog Devices AD9553/PCBZ Datasheet HTML 15Page - Analog Devices AD9553/PCBZ Datasheet HTML 16Page - Analog Devices AD9553/PCBZ Datasheet HTML 17Page - Analog Devices AD9553/PCBZ Datasheet HTML 18Page - Analog Devices AD9553/PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
AD9553
Rev. 0 | Page 15 of 44
Table 15. Pin-Configured Output Frequency
Pins Y[5:0]
fOUT1 (MHz)
fOUT2 (MHz)
P0
P1
P2
000000
SPI mode
000001
245.76
245.76
5
3
3
000010
245.76
122.88
5
3
6
000011
245.76
61.44
5
3
12
000100
245.76
16.384
5
3
45
000101
245.76
2.048
5
3
360
000110
245.76
1.536
5
3
480
000111
122.88
122.88
5
6
6
001000
122.88
61.44
5
6
12
001001
122.88
16.384
5
6
45
001010
122.88
2.048
5
6
360
001011
122.88
1.536
5
6
480
001100
61.44
61.44
5
12
12
001101
61.44
16.384
5
12
45
001110
61.44
2.048
5
12
360
001111
61.44
1.536
5
12
480
010000
16.384
16.384
5
45
45
010001
16.384
2.048
5
45
360
010010
16.384
1.536
5
45
480
010011
2.048
2.048
5
360
360
010100
2.048
1.536
5
360
480
010101
1.536
1.536
5
480
480
010110
156.25
156.25
6
4
4
010111
156.25
125
6
4
5
011000
156.25
25
6
4
25
011001
125
125
6
5
5
011010
125
25
6
5
25
011011
25
25
6
25
25
011100
155.52
155.52
6
4
4
011101
155.52
77.76
6
4
8
011110
155.52
19.44
6
4
32
011111
77.76
77.76
6
8
8
100000
77.76
19.44
6
8
32
100001
19.44
19.44
6
32
32
100010
153.6
153.6
6
4
4
100011
153.6
122.88
6
4
5
100100
153.6
61.44
6
4
10
100101
153.6
2.048
6
4
300
100110
153.6
1.536
6
4
400
100111
100
100
6
6
6
101000
100
50
6
6
12
101001
100
25
6
6
24
101010
50
50
6
12
12
101011
50
25
6
12
24
101100
1.544
1.544
6
400
400
101101
Fo1
Fo1
6
1
1
101110
Fo1
Fo/21
6
1
2
101111
Fo1
Fo/41
6
1
4
110000
Fo/21
Fo/21
6
2
2
110001
Fo/21
Fo/41
6
2
4
110010
Fo/41
Fo/41
6
4
4
110011
622.08
622.08
6
1
1
110100 to 111111
Undefined
Undefined
Undefined
Undefined
Undefined
1 Fo = 39,191.04/59 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44