| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9553/PCBZ Fiches technique(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9553/PCBZ Fiches technique(HTML) 33 Page - Analog Devices |
|
33 / 44 page ![]() AD9553 Rev. 0 | Page 33 of 44 Addr. (Hex) Register Name (MSB) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 (LSB) Bit 0 Default 0x1F REFA frequency control REFA divider (RA)[13:6] 0x40 0x20 REFA divider (RA) [5:0] Enable SPI control of RA Unused 0x00 0x21 Enable SPI control of x2A Select x2A Enable SPI control of /5A Select /5A Unused Unused Unused Unused 0x00 0x22 Unused Unused Unused Unused Unused Unused Unused Unused Unused 0x23 REFB frequency control REFB divider (RB)[13:6] 0x80 0x24 REFB divider (RB)[5:0] Enable SPI control of RB Unused 0x00 0x25 Enable SPI control of x2B Select x2B Enable SPI control of /5B Select /5B Unused Unused Unused Unused 0x00 0x26 Unused Unused Unused Unused Unused Unused Unused Unused Unused 0x27 DCXO frequency and reference switchover control XO divider (RXO)[13:6] 0x40 0x28 XO divider (RXO)[5:0] Enable SPI control of RXO Unused 0x00 0x29 Switchover mode[1:0] REFA Diff Unused Unused Unused Unused Unused 0x00 0x2A to 0x31 Unused Unused Unused Unused Unused Unused Unused Unused Unused 0x32 OUT1 driver control OUT1 drive strength OUT1 power- down OUT1 mode control[2:0] OUT1 CMOS polarity[1:0] Use Bits[5:3] as source for OUT1 mode control 0xA8 0x33 Unused Unused Unused Unused Unused Unused Unused Unused Unused 0x00 0x34 OUT2 driver control OUT2 drive strength OUT2 power- down OUT2 mode control[2:0] OUT2 CMOS polarity[1:0] Use Bits[5:3] as source for OUT2 mode control 0xA8 |